Part Number Hot Search : 
TSOP2137 5KP70A U631H64 TDA7285D HT45R PAT0510 01140 D882L
Product Description
Full Text Search
 

To Download RXO2520P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ? ? ? ? ? ? ? ? ? ? ? RXO2520P ------- smd clock oscillator ------- ------- high performance xo in 2.5 x 2.0 mm surface mount package ------- product description ------- the RXO2520P xo combines very low rms phase jitter and tight frequency stability in an industry standard 2.5 x 2.0 mm smd package. available in hundreds of industry standard frequencies from 8 to 1500 mhz for fast delivery and reduced inventory levels. ------- applications ethernet (10g/40g/100g) communications base stations dsl/adsl wi-fi consumer wimax / w-lan ------- features fast sample turnaround cmos, lvpecl, or lvds output options 0.5 ps integrated rms phase jitter (12 khz to 20 mhz) low power differential outputs wide frequency range ------- specifications ----- 1.0 specification references line parameter description 1.1 model description RXO2520P xo 1.2 reference number 1.3 rakon part number ----- 2.0 frequency characteristics line parameter test condition value unit 2.1 frequency 8 to 1500 mhz 2.2 operating temperature range -40 to 85 c 2.3 frequency stability including temperature range, supply variation, load variation and 10 years aging at 25c 30 to 50 ppm 2.4 temperature stability temperature range only 10 to 20 ppm ----- 3.0 power supply line parameter test condition value unit 3.1 supply voltage (vdd) with a tolerance of 10% 3.3 v 3.2 supply voltage (vdd) with a tolerance of 5% 2.5 v 3.3 supply current for lvcmos 40 max ma 3.4 supply current for lvpecl 65 max ma 3.5 supply current for lvds 40 max ma ----- page 1
4.0 output characteristics - lvcmos (up to 200 mhz) line parameter test condition value unit 4.1 output voltage (vol) 15pf load 10 max %vdd 4.2 output voltage (voh) 15pf load 90 min %vdd 4.3 duty cycle @ 50% vdd 48 to 52 % 4.4 rise time / fall time 90%/10% 3 max ns 4.5 rms phase jitter integrated 12khz to 20mhz 0.5 ps ----- 5.0 output characteristics - lvpecl only line parameter test condition value unit 5.1 output voltage (vol) 50 nominal load. (vdd - 1.62v) max. 5.2 output voltage (voh) 50 nominal load. (vdd - 1.025v) min. 5.3 duty cycle @ vdd-1.3v (45 to 55% 600mhz+) 48 to 52 % 5.4 rise time / fall time 80%/20% 0.6 max ns 5.5 rms phase jitter integrated 12khz to 20mhz 0.5 ps ----- 6.0 output characteristics - lvds only line parameter test condition value unit 6.1 differential output: voltage swing (vod) 350 mv 6.2 duty cycle measured at 1.25v (45 to 55% over 150mhz) 45 to 55 % 6.3 rise time / fall time rl = 100 / cl = 10 pf 0.6 max ns 6.4 rms phase jitter integrated 12khz to 20mhz 0.5 ps ----- 7.0 pin connections line parameter description 7.1 pin 1 e/d* or nc 7.2 pin 2 e/d* or nc 7.3 pin 3 gnd 7.4 pin 4 output 7.5 pin 5 complimentary output (lvpecl/lvds only), e/d*, or nc 7.6 pin 6 vdd 7.7 * output enabled >70% of vdd on e/d pin, or e/d pin left open (connected to internal pull-up resistor) 7.8 * output disabled <30% of vdd on e/d pin, or e/d pin to gnd ----- 8.0 package details line parameter description 8.1 package 2.5 x 2.0 mm 8.2 top line [r ####] part identifier 8.3 bottom line [o fyww] pin 1, manufacturing code, year code* and week code** 8.4 * year code a = 2010, b = 2011, c = 2012, d = 2013, ... z = 2035 8.5 ** week code ww = 01 = week of first monday of the year ----- 9.0 environmental specification line parameter description 9.1 mechanical shock mil-std-883, method 2002 9.2 storage temperature range -55 to 125 c 9.3 humidity after 48 hours at 85 c2 c 85 % relative humidity non-condensing 9.4 thermal shock mil-std-883, method 1011 9.5 vibration mil-std-883, method 2007 9.6 gross and fine leak mil-std-883, method 1014 9.7 rohs compliant yes ----- page 2
10.0 manufacturing information line parameter description 10.1 packaging description tape and reel. standard packing quantity is 3000 per reel 10.2 reflow solder reflow process as per attached profile ------- page 3
drawing name: xo/vcxo 2520 series model page 4
drawing name: xo/vcxo 6 pin series test circuit page 5
drawing name: 2520 series tape & reel page 6
drawing name: pb-free reflow page 7


▲Up To Search▲   

 
Price & Availability of RXO2520P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X